Part Number Hot Search : 
TMS570 53120 L6316 HPC722 4758A TPDV1040 4LS32 F4300R
Product Description
Full Text Search
 

To Download BCM846S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM846S
NPN Silicon AF Transistor Array
4 5 6
For current mirror applications
Low collector-emitter saturation voltage Two (galvanic) internal isolated Transistors Complementary type: BCM856S
C1 6 B2 5 E2 4
TR2 TR1
1 E1
2 B1
3 C2
EHA07178
Type BCM846S
Maximum Ratings Parameter
Marking Pin Configuration Package 1Ms 1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363
Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Total power dissipationTS = 115 C Junction temperature Storage temperature
Thermal Resistance Parameter
Junction - soldering point1)
1For calculation of R thJA please refer to Application Note Thermal Resistance
Precision matched transistor pair:
IC
10%

2 1
3
VPS05604
Symbol VCEO VCES VCBO VEBO IC ICM Ptot Tj Tstg
Symbol RthJS
Value 65 80 80 6 100 200 250 150 -65 ... 150
Unit V
mA mW C
Value
Unit
140
K/W
1
Aug-30-2002
BCM846S
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics typ. max.
Unit
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0 A
V(BR)CEO V(BR)CBO V(BR)CES V(BR)EBO ICBO
65 80 80 6
-
-
V
Collector-base breakdown voltage
IC = 10 A, IE = 0 A
Collector-emitter breakdown voltage
IC = 10 A, VBE = 0 A
Emitter-base breakdown voltage
IE = 10 A, IC = 0 A
Collector-base cutoff current
VCB = 30 V, IE = 0 A VCB = 30 V, IE = 0 A, TA = 150 C
nA 250 290 90 200 700 900 660 15 5 200 450 mV 300 650 750 820
%
DC current gain-1)
IC = 10 A, VCE = 5 V IC = 2 mA, VCE = 5 V
hFE
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA
VCEsat
Base emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA
VBEsat
VBE(ON)
mV mV
Base-emitter voltage-1)
IC = 2 mA, VCE = 5 V IC = 10 mA, VCE = 5 V IB = 1 A, VCE1 = VCE2 = 1.0V IB = 100 A, VCE1 = VCE2 = 1.0V
1Puls
580 IC
test: t < 300s; D < 2%
2
Matching
-10 -10
10 10
Aug-30-2002
BCM846S
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. AC Characteristics Transition frequency IC = 20 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Short-circuit input impedance IC = 2 mA, VCE = 5 V, f = 1 kHz Open-circuit reverse voltage transf. ratio IC = 2 mA, VCE = 5 V, f = 1 kHz Short-circuit forward current transf. ratio IC = 2 mA, VCE = 5 V, f = 1 kHz IC = 2 mA, VCE = 5 V, f = 1 kHz Noise figure IC = 200 A, VCE = 5 V, f = 1 kHz, f = 200 Hz, RS = 2 k F 10 Open-circuit output admittance h21e h22e 330 30 S h12e 2 10-4 h11e 4.5 k Ceb 10 Ccb 2 pF fT 250 MHz typ. max.
Unit
3
Aug-30-2002
dB
BCM846S
Collector-base capacitance CCB = Emitter-base capacitance CEB=
BC 846...850
(VEB0)
300
C CB0 ( C EB0 )
12 pF 10
EHP00361
mW
C EB
P tot
8
200
6
150
4
100
C CB
50
2
0 10 -1
5
10 0
V VCB0
10 1 (VEB0 )
0 0
20
40
60
80
100
10 3
K/W
10 3
10 2
Ptotmax/P totDC
-
RthJS
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
tp
4
Permissible Pulse Load RthJS =
(tp )
Permissible Pulse Load Ptotmax/PtotDC = (tp)
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10
-4
10
-3
10
-2
Aug-30-2002
(VCB0)
Total power dissipation Ptot = (TS )

120 C
150
TS
s
10
0
tp
BCM846S
Transition frequency fT = VCE = 5 V
10 3 MHz
(IC )
Base-emitter saturation voltage
EHP00363
10 2
fT
5
C mA
100 C 25 C -50 C
10 1 5
10 2
5
10 0 5
10 1 10 -1
5
10 0
5
10 1
mA
10 2
10 -1
C
IC = (VCEsat), hFE = 20
10 2
EHP00367
10 -1
A 5V 1V
C
mA 100 C 25 C -50 C
IC
10 -2
10 1 5
10 -3
10 -4
10 5
0
10 -5
10 -1
0
0.1
0.2
0.3
0.4
V 0.5 VCEsat
10 -6 0.4
0.5
0.6
0.7
5
Collector-emitter saturation voltage
Collector current IC =
IC =
(VBEsat ), hFE = 20
EHP00364
0
0.2
0.4
0.6
0.8
V
1.2
V BEsat
(VBE )
0.8
V
1
VBE
Aug-30-2002
BCM846S
DC current gain hFE = VCE = 5V
10 3
EHP00365
15 mA
h FE 5
100 C 25 C
12 11
IB = 40 uA IB = 36 uA IB = 32 uA IB = 28 uA IB = 24 uA IB = 20 uA IB = 16 uA IB = 12 uA IB = 8 uA IB = 4uA
10 2 5
-50 C
IC
10 9 8 7 6
10 1 5
5 4 3 2 1
10 0 10 -2
5 10 -1
5 10 0
5 10 1
mA 10 2
0 0
1
2
3
C
VCBO = 30 V
10 4 nA
CB0
10 3 5 10 2 5 10 1 5 10 5 10 -1
0
max
typ
0
50
100
Collector cutoff current ICBO =
(TA)
EHP00381
C TA
150
6
(IC)
Output characteristics IC = (VCE), IB = parameter
V
5
VCE
Aug-30-2002
BCM846S
Definition of matching IC = (IC2-IC1)/IC1
6
5
4
T1
T2
1
2
3
Ib Ic 1 Vce1 Vce2
Ic 2
7
Aug-30-2002


▲Up To Search▲   

 
Price & Availability of BCM846S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X